PART |
Description |
Maker |
IS24C02 IS24C08 IS24C04 IS24C01 24C16 IS24C16-3PI |
16,384-BIT SERIAL ELECTRICALLY ERASABLE PROM From old datasheet system 301K 1% 100PPM TF 1K-bit/2K-bit/4K-bit/8K-bit/16K-bit 2-WIRE SERIAL CMOS EEPROM 256 X 8 I2C/2-WIRE SERIAL EEPROM, PDSO8 1K-bit/2K-bit/4K-bit/8K-bit/16K-bit 2-WIRE SERIAL CMOS EEPROM 256 X 8 I2C/2-WIRE SERIAL EEPROM, PDIP8 RES 2.7 OHM 5% 0.1 W METAL FILM SMT 0805 256 X 8 I2C/2-WIRE SERIAL EEPROM, PDIP8 1K-bit/2K-bit/4K-bit/8K-bit/16K-bit 2-WIRE SERIAL CMOS EEPROM 1K X 8 I2C/2-WIRE SERIAL EEPROM, PDSO8 1K-bit/2K-bit/4K-bit/8K-bit/16K-bit 2-WIRE SERIAL CMOS EEPROM 512 X 8 I2C/2-WIRE SERIAL EEPROM, PDSO8 1K-bit/2K-bit/4K-bit/8K-bit/16K-bit 2-WIRE SERIAL CMOS EEPROM 128 X 8 I2C/2-WIRE SERIAL EEPROM, PDSO8 1K-bit/2K-bit/4K-bit/8K-bit/16K-bit 2-WIRE SERIAL CMOS EEPROM 2K X 8 I2C/2-WIRE SERIAL EEPROM, PDSO8 RESISTOR,309,CR0805 512 X 8 I2C/2-WIRE SERIAL EEPROM, PDSO8 1K-bit/2K-bit/4K-bit/8K-bit/16K-bit 2-WIRE SERIAL CMOS EEPROM 1K-bit/2K-bit/4K-bit/8K-bit/16K-bit 2线串行EEPROM中的CMOS
|
Integrated Silicon Solu... Integrated Silicon Solution Inc ISSI[Integrated Silicon Solution, Inc] Integrated Silicon Solution, Inc. Integrated Silicon Solution...
|
P89C54BP P89C54BA P89C54BBD P89C54BN P89C51BA P89C |
80C51 8-bit microcontroller family 4K/8K/16K/32K Flash 8-BIT, FLASH, 33 MHz, MICROCONTROLLER, PDIP40
|
NXP Semiconductors N.V.
|
87C196JT AN87C196JQ AN87C196KR AN87C196JR AN87C196 |
Advanced 16-Bit CHMOS Microcontrollers Advanced 16-bit CHMOS microcontroller. EPROM 12K, Reg RAM 360, Code RAM 128, I/O 41 Advanced 16-bit CHMOS microcontroller. EPROM 16K, Reg RAM 488, Code RAM 256, I/O 56 Advanced 16-bit CHMOS microcontroller. EPROM 16K, Reg RAM 488, Code RAM 256, I/O 41 Advanced 16-bit CHMOS microcontroller. EPROM 48K, Reg RAM 1.5K, Code RAM 512, I/O 41
|
Intel
|
ATMEGA16-16AC ATMEGA16-16AI ATMEGA16L-8AC ATMEGA16 |
8-bit AVR Microcontroller with 16K Bytes In-System Programmable Flash -bit AVR Microcontroller with 8K Bytes In- System Programmable Flash 8-BIT, FLASH, 16 MHz, RISC MICROCONTROLLER, PQFP44 CONNECTORS, INDUSTRIAL; SERIES:97/MS; CONNECTOR TYPE:CIRCULAR; ER 3C 3#12 PIN RECP BOX
|
ATMEL Corporation Atmel, Corp. Atmel Corp.
|
AT697E-2H-SV AT90PWM216-14 |
32-BIT, 100 MHz, RISC PROCESSOR, PBGA349 Atmel 8-bit Microcontroller with 16K Bytes In-System Programmable Flash
|
ATMEL CORP ATMEL Corporation
|
AT90USB162 90USB162-16AU |
8-bit Microcontroller with 8/16K Bytes of ISP Flash
|
ATMEL Corporation
|
AT89C51RB2-3CSUM AT89C51RC2-3CSUM 89C51RC2-UL 89C5 |
8-bit Microcontroller with 16K/ 32K Bytes Flash
|
ATMEL Corporation
|
ATMEGA165P06 ATMEGA165PV-8MU ATMEGA165P ATMEGA165P |
8-bit Microcontroller with 16K Bytes In-System Programmable Flash
|
ATMEL[ATMEL Corporation]
|
ATMEGA169P06 ATMEGA169PV-8AU ATMEGA169PV-8MU ATMEG |
8-bit Microcontroller with 16K Bytes In-System Programmable Flash
|
ATMEL[ATMEL Corporation]
|
P89C51UBBB |
80C51 8-bit microcontroller family 4K/8K/16K/32K Flash
|
NXP Semiconductors N.V.
|